features ? high current through hole toroid ? emi shielding properties ? low dc resistance electrical inductance range: .88h @ 0 adc .50uh typ @ 22.6adc t olerance: 20% VTC0690- r88m-rc allied part number inductance dcr rate current (typ @ 22.5 amp-1khz) .88 .50uh 1.5 20 toroidal chokes VTC0690 allied components interna tional 714-665-1 140 www.a lli edcom pon en ts .com rohs t est frequency: 1khz, 1v operating temp: -40oc ~ +130oc temp rise: ? t=30oc typical at rated idc part temperature should not exceed 130oc including temperature rise. 11/22/2013 @ 1khz,1v (m) max all specifications subject to change without notice. (uh) tolerance 0.626 (15.90) max 0.543 (13.80) max 0.130+.04/-0.0 (3.30+1.0/-0.0) 0.051 (1.30) max 0.30 (7.60) nom 0.346 (8.80) max dimensions: inches (mm)
|